Part Number Hot Search : 
471MC 2SB17101 79L12 471MC RF160 TS120STR 1N4057 471MC
Product Description
Full Text Search
 

To Download HLMP-3466-F0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-13/4 (5 mm) Low Profile LED Lamps Technical Data
HLMP-3351 HLMP-3366 HLMP-3451 HLMP-3466 HLMP-3554 HLMP-3568
Features
* High Intensity * Low Profile: 5.8 mm (0.23 in.) Nominal * T-13/4 Diameter Package * Diffused and Non-diffused Types * General Purpose Leads * IC Compatible/Low Current Requirements * Reliable and Rugged
The HLMP-355x/-356x Series are Gallium Phosphide Green Light Emitting Diodes. The Low Profile T-1 3/4 package provides space savings and is excellent for backlighting applications.
Description
The HLMP-335x/-336x Series are Gallium Arsenide Phosphide on Gallium Phosphide High Efficiency Red Light Emitting Diodes. The HLMP-345x/-346x Series are Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diodes.
Package Dimensions
5.34 (0.210) 4.83 (0.190)
2
Selection Guide
Color Package Description T-1 3/4 Tinted, diffused Red T-1 3/4 Tinted, non-diffused 45 21/2[1] 50 Part Number HLMP3351 3351-D00xx 3351-F00xx 3366 3366-H00xx 3451 3451-D00xx 3451-EFBxx 3451-F00xx 3466 3466-F00xx 3554 3554-E00xx 3568 3568-F00xx Luminous Intensity Iv (mcd) Min. 5.4 2.1 5.4 13.8 13.8 3.6 3.6 5.7 9.2 9.2 9.2 6.7 6.7 10.6 10.6 Max. 18.4 -
T-1 3/4 Tinted, diffused Yellow T-1 3/4 Tinted, non-diffused T-1 3/4 Tinted, diffused Green T-1 3/4 Tinted, non-diffused
50
45 50 40
Part Numbering System
HLMP - 3 x xx - x x x xx
Mechanical Option 00: Bulk 01: Tape & Reel, Crimped Leads 02: Tape & Reel, Straight Leads R1: Tape & Reel, Counterclockwise Color Bin Options 0: Full Color Bin Distribution B: Color bin 2 & 3 only Maximum Iv Bin Options 0: Open (No. max. limit) Others: Please refer to the Iv Bin Table Minimum Iv Bin Options Please refer to the Iv Bin Table Lens Options 5x: Tinted, Diffused 6x: Tinted, Nondiffused Color Options 3: GaP HER 4: GaP Yellow 5: GaP Green Package Options 3: T-1 3/4 (5 mm)
3
High Efficiency Red HLMP-335x/-336x Series Electrical Specifications at TA = 25C
Symbol 21/2 Description Including Angle Between Half Luminous Intensity Points Device HLMP3366 Min. Typ. 50 50 45 45 635 626 40 90 11 260 1.9 5.0 145 2.4 Max. Units Deg. Test Conditions Note 1 (Figure 11)
PEAK d 1/2 s C RJ-PIN VF VR V
Peak Wavelength Dominant Wavelength Spectral Line Halfwidth Speed of Response Capacitance Thermal Resistance Forward Voltage Reverse Breakdown Voltage Luminous Efficacy
nm nm nm ns pF C/W V V lm/W
Measurement at Peak (Figure 1) Note 2
VF = 0; f = 1 MHz Junction to Cathode Lead IF = 10 mA (Figure 7) IR = 100 A Note 3
Notes: 1. 1 /2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. Dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
Figure 7. Forward Current vs. Forward Voltage.
Figure 8. Relative Luminous Intensity vs. Forward Current.
Figure 9. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
4
Figure 10. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 11. Relative Luminous Intensity vs. Angular Displacement.
Yellow HLMP-345x/-346x Series Electrical Specifications at TA = 25C
Symbol 21/2 Description Including Angle Between Half Luminous Intensity Points Device HLMP3466 Min. Typ. 50 50 45 45 583 585 36 90 15 260 2.0 5.0 500 2.4 Max. Units Deg. Test Conditions Note 1 (Figure 16)
PEAK d 1/2 s C RJ-PIN VF VR V
Peak Wavelength Dominant Wavelength Spectral Line Halfwidth Speed of Response Capacitance Thermal Resistance Forward Voltage Reverse Breakdown Voltage Luminous Efficacy
nm nm nm ns pF C/W V V lm/W
Measurement at Peak (Figure 1) Note 2
VF = 0; f = 1 MHz Junction to Cathode Lead IF = 10 mA (Figure 12) IR = 100 A Note 3
Notes: 1. 1 /2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. Dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
5
60
I F - FORWARD CURRENT - mA
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V F - FORWARD VOLTAGE - V
Figure 12. Forward Current vs. Forward Voltage.
Figure 13. Relative Luminous Intensity vs. Forward Current.
Figure 14. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
Figure 15. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 16. Relative Luminous Intensity vs. Angular Displacement.
6
Green HLMP-355x/-356x Series Electrical Specifications at TA = 25C
Symbol 21/2 Description Including Angle Between Half Luminous Intensity Points Device HLMP3554 3568 Min. Typ. 50 40 Max. Units Deg. Test Conditions Note 1 (Figure 21)
PEAK d 1/2 s C RJ-PIN VF VR V
Peak Wavelength Dominant Wavelength Spectral Line Halfwidth Speed of Response Capacitance Thermal Resistance Forward Voltage Reverse Breakdown Voltage Luminous Efficacy 5.0
565 569 28 500 18 260 2.1 2.7
nm nm nm ns pF C/W V V
Measurement at Peak (Figure 1) Note 2
VF = 0; f = 1 MHz Junction to Cathode Lead IF = 10 mA (Figure 17) IR = 100 A Note 3
595
lm/W
Notes: 1. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 2. Dominant wavelength, d, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 3. Radiant Intensity, Ie, in watts/steradian may be found from the equation Ie = Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
Figure 17. Forward Current vs. Forward Voltage.
Figure 18. Relative Luminous Intensity vs. Forward Current.
Figure 19. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
7
Figure 20. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings).
Figure 21. Relative Luminous Intensity vs. Angular Displacement.
Intensity Bin Limits
Color Bin D E F G H I J K L M N O P Q R S T U V W X Y Z Intensity Range (mcd) Min. Max. 2.4 3.8 3.8 6.1 6.1 9.7 9.7 15.5 15.5 24.8 24.8 39.6 39.6 63.4 63.4 101.5 101.5 162.4 162.4 234.6 234.6 340.0 340.0 540.0 540.0 850.0 850.0 1200.0 1200.0 1700.0 1700.0 2400.0 2400.0 3400.0 3400.0 4900.0 4900.0 7100.0 7100.0 10200.0 10200.0 14800.0 14800.0 21400.0 21400.0 30900.0 Color Bin D E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 4.0 6.5 6.5 10.3 10.3 16.6 16.6 26.5 26.5 42.3 42.3 67.7 67.7 108.2 108.2 173.2 173.2 250.0 250.0 360.0 360.0 510.0 510.0 800.0 800.0 1250.0 1250.0 1800.0 1800.0 2900.0 2900.0 4700.0 4700.0 7200.0 7200.0 11700.0 11700.0 18000.0 18000.0 27000.0
Yellow
Red
Maximum tolerance for each bin limit is 18%.
Intensity Bin Limits, continued
Color Bin E F G H I J K L M N O P Q R S T U V W Intensity Range (mcd) Min. Max. 7.6 12.0 12.0 19.1 19.1 30.7 30.7 49.1 49.1 78.5 78.5 125.7 125.7 201.1 201.1 289.0 289.0 417.0 417.0 680.0 680.0 1100.0 1100.0 1800.0 1800.0 2700.0 2700.0 4300.0 4300.0 6800.0 6800.0 10800.0 10800.0 16000.0 16000.0 25000.0 25000.0 40000.0
Color Categories
Lambda (nm) Color Green Cat # 6 5 4 3 2 1 Yellow 3 2 4 5 Min. 561.5 564.5 567.5 570.5 573.5 582.0 584.5 587.0 589.5 592.0 Max. 564.5 567.5 570.5 573.5 576.5 584.5 587.0 589.5 592.0 593.0
Green
Maximum tolerance for each bin limit is 0.5 nm.
Maximum tolerance for each bin limit is 18%.
Mechanical Option Matrix
Mechanical Option Code 00 01 02 R1 Definition Bulk Packaging, minimum increment 500 pcs/bag Tape & Reel, crimped leads, minimum increment 1300 pcs/bag Tape & Reel, straight leads, minimum increment 1300 pcs/bag Tape & Reel, crimped leads, reeled counterclockwise, anode leaves first
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representative for further clarification/information.
www.semiconductor.agilent.com Data subject to change. Copyright (c) 2001 Agilent Technologies, Inc. July 16, 2001 Obsoletes 5988-0365EN 5988-3025EN


▲Up To Search▲   

 
Price & Availability of HLMP-3466-F0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X